Part Number Hot Search : 
MC3406 R1211 C143E EL6259CU B1215 B1215 C143E MAS3529H
Product Description
Full Text Search
 

To Download DW9255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DW9255 DW9255
35.42MHz SAW Filter for GPS Receivers
DS3861 - 3.1 November 1997
OUTPUT+
OUTPUT-
The DW9255 is a Surface Acoustic Wave (SAW) bandpass filter for use with the GP2000 Global Positioning System (GPS) receiver chip-set, available from Mitel Semiconductor. It is pre-tuned to the exact 2nd IF filter requirements of the GP2010 & GP2015 RF front-end devices, with a centrefrequency of 35.42MHz. The response is tuned for a flat passband, steep stopband and uniform passband group-delay with 3 external inductors. The device is realised on a Lithium Tantalate substrate and housed in a small leadless ceramic Surface Mount package. The DW9255 gives significant improvement in correlated GPS Signal-to-Noise Ratio (SNR) performance compared to conventional LC bandpass filter schemes. This aids satellite signal acquisition and tracking capability from the GP2000 GPS chip-set. This device effectively filters out-of-band (unwanted) noise in the GPS signal. The Automatic Gain Control (AGC) within the GP2010 and GP2015 RF Front-end devices will then operate only on in-band noise for optimum gain and superior correlated GPS signal strength.
INPUT+
2 GND 3
INPUT1 12 GND 11
GND
4
GND
DW9255
GND 5 10 GND
GND
6 7 8
9
GND
LCS12/1
FEATURES
INPUT +
s Insertion Loss of 17dB 1dB (typical) s 1dB Bandwidth 1.9MHz (typical) s Passband Ripple 0.8dB (typical) s Low Profile Ceramic Surface Mount Package s Operating Temperature Range -40 to +85C
GND 3
2
INPUT -
s Centre Frequency of 35.42MHz
1 12 GND
GND
4
11
GND
DW9255
APPLICATION
s Commercial Global Positioning
GND
5
10
GND
GND
6 7
OUTPUT +
9 8
OUTPUT -
GND
RELATED PRODUCTS AND PUBLICATIONS
Part GP2010 GP2015 Description GPS receiver RF Front-end Miniature GPS receiver RF Front-end Data Reference DS4056 DS4374
LCS12/4
Fig.1 Pinout
1
DW9255
GPS Antenna
SAW 1st IF Filter LNA GP2010/15 RF Front End DW9255
Clock Crystal GP2021 12 channel Correlator + Support Functions
DATA BUS ADDRESS BUS
TO PROCESSOR
TCXO
2 x Serial Communications Ports (Programmable UARTS)
Fig.2 DW9255 used with GPS chipset
ELECTRICAL CHARACTERISTICS (Typ. @ 25C)
Parameter Centre Frequency 1dB Bandwidth Insertion Loss Amplitude Ripple (34.62 to 36.22MHz) Relative Attenuation <28MHz (relative to insertion loss) <31MHz <33.5MHz >37.5MHz >40MHz >50MHz >63MHz >73 - 110MHz Group Delay Ripple (34.62 to 36.22MHz) Maximum Group Delay (34.62 to 36.22MHz) Operating Temperature Range Min 1.6 16 35 30 21 21 25 30 28 40 -40 Typ 35.42 1.9 17 0.8 40 35 25 25 30 40 35 45 190 1.6 Max 18 1.6 300 1.7 +85 Units MHz MHz dB dB (pk to pk) dB dB dB dB dB dB dB dB ns s C
2
DW9255
DW9255 used as 2nd IF filter for GP2010/15 Centre Frequency Pass Band Insertion loss 3rd IF Image frequency at 2nd IF Source Impedance Load Impedance 35.42MHz 1.0MHz (within 1.0dB) 14-18dB 26.8MHz 500 typical 1000 typical than 20dB) beyond this bandwidth, and so should have a brickwall type response at these extremes. The DW9255 SAW filter provides a 1dB Bandwidth of typically 1.9MHz centred on 35.42MHz, with a typical pass band ripple of 0.8dB, when the SAW input and output capacitance is resonantly matched with inductors of optimum value. The out-of-band signal rejection is better than 21dB at 2.0MHz, and better than 35dB at 7.5MHz. The frequency response of the DW9255 SAW filter with matching components is shown in Fig. 3. The matching components used with the GP2010/15 device are shown in Fig. 4.
The second external IF filter is connected between the output of Stage 2 and input of Stage 3. It is required to define the bandwidth of the RF section of the GPS receiver, hence it is critical to the receiver performance. The filter should be flat across the 2MHz bandwidth of the GPS Coarse-Acquisition (C/A) code signal. It should also have high rejection (greater
5 0
Insertion Loss (dB)
-5 -10 -15 -20 -25 -30 -35 -40 32 33 34 35 FREQUENCY (MHz) 36 37 38
Fig.3 Typical frequency response of DW9255 SAW filter used as 2nd IF filter
3
DW9255
VCC
L1
L2 IP+ OP+
SOURCE IMPEDANCE = 500
MIX 2 O/P IP-
DW9255
OP-
2.2H
MIX 3 I/P
LOAD IMPEDANCE = 1K
COILCRAFT 1008
GP2010 GP2010 or GP2015
L1, L2 = 560nH COILCRAFT 1008
Fig.4 Typical matching components when used with GP2010 or GP2015 GPS Front-end IC
680nH IP+ COILCRAFT 1008 OP+
910nF COILCRAFT 1008
DW9255
15pF VITRAMON (VJ0805A150JXA) IPOP-
Pin 1 = IPPin 2 = IP+ Pin 7 = OP+ Pin 8 = OP-
Fig.5 50 Matching network
4
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of DW9255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X